Part Number Hot Search : 
BOE100 AT1452BP 31ACD 2375AD LH2108A MB13CA AS19H UP03396
Product Description
Full Text Search
 

To Download BCW68G11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mechanical data case: sot-23, molded plastic terminals: solderable per mil- std-202, method 208 marking: dg weight: 0.008 grams ( approx.) maximum ratings @ 25 o c unless otherwise specified charateristic symbol value unit collector-emitter voltage v ceo -45 v collector-base voltage v cbo -60 v emitter-base voltage v ebo -5 v collector current(dc) i c -800 ma peak collector current i cm -1000 ma base current(dc) i b -100 ma peak base current i bm -200 ma power dissipation@t s =79 o cp d 330 mw thermal resistance, junction to ambient air 285 (1) o c/w thermal resistance, junction to soldering point 215 o c/w operating & storage temperature t j ,t stg -55~150 o c notes: (1) valid provided that leads are kept at ambient temperature. bcw68g pnp small signal transistor 330mw r ja r js suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 .079 2.000 inches mm .031 .800 .035 .900 . 03 7 .950 .037 .950 k a b c d e f g h j sot-23  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011 /01/01 tm micro commercial components e b c features ideally suited for automatic insertion 150 o c junction temperature low current, low frequency epitaxial planar die construction epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) www. mccsemi .com 1 of 3
electrical characteristics (t a = 25?c unless otherwise noted) symbol min. typ. max. unit dc current gain (1) at v ce = 10v, i c = 100 ah fe 50eee at v ce = 1v, i c = 10ma h fe 120 e e e at v ce = 1v, i c = 100ma h fe 160 250 400 e at v ce = 2v, i c = 500ma h fe 60eee collector-emitter saturation voltage (1) at i c = 100ma, i b = 10ma v cesat e e 0.3 v at i c = 500ma, i b = 50ma v cesat e e 0.7 v base-emitter saturation voltage (1) at i c = 100ma, i b = 10ma v besat e e 1.25 v at i c = 500ma, i b = 50ma v besat ee2v collector-emitter breakdown voltage at i c = 10ma, i b = 0 v (br)ceo 45 e e v collector-base breakdown voltage at i c = 10 a, i b = 0 v (br)cbo 60 e e v emitter-base breakdown voltage at i e = 10 a, at i c = 0 v (br)ebo 5eev collector-base cut-off current at v cb = 45v, i e = 0 i cbo e e 20 na at v cb = 45v, i e = 0, t a = 150?c i cbo ee20 a emitter-base cut-off current at v eb = 4v, i c = 0 i ebo e e 20 na gain-bandwidth product at v ce = 5v, i c = 50ma, f = 20mh z f t e 200 e mhz collector-base capacitance at v cb = 10v, f = 1mhz c cb e6epf emitter-base capacitance at v eb = 0.5v, f = 1mhz c eb e60epf note: (1) pulse test: t  300 s, d = 2% mcc bcw68g revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 3 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-tp tape&reel;3kpcs/reel


▲Up To Search▲   

 
Price & Availability of BCW68G11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X